PART |
Description |
Maker |
MIC39500-2.5WT MIC39500-2.5WU MIC39500-1.8BT MIC39 |
5A 渭Cap Low-Voltage Low-Dropout Regulator 5A μCap Low-Voltage Low-Dropout Regulator 5A Low-Voltage Low-Dropout Regulator, RoHS Compliant 5-pin TO-263 2.5 V FIXED POSITIVE LDO REGULATOR, 0.575 V DROPOUT, PSSO5 5A Low-Voltage Low-Dropout Regulator, RoHS Compliant 5-pin TO-220 1.8 V FIXED POSITIVE LDO REGULATOR, 0.575 V DROPOUT, PSFM5
|
Micrel Semiconductor, Inc.
|
AMS1117 AMS1117-15 AMS1117-18 AMS1117-25 AMS1117-3 |
5.0V 800mA low dropout voltage regulator 3.3V 800mA low dropout voltage regulator 2.85V 800mA low dropout voltage regulator 2.5V 800mA low dropout voltage regulator 1.8V 800mA low dropout voltage regulator 1.5V 800mA low dropout voltage regulator 800mA LOW DROPOUT VOLTAGE REGULATOR 800mA的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO,
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|
AMS1587 AMS1587CD AMS1587CD-15 AMS1587CD-25 AMS158 |
3.3V 3A low dropout voltage regulator 5.0V 3A low dropout voltage regulator 2.5V 3A low dropout voltage regulator 2.85V 3A low dropout voltage regulator 3.0V 3A low dropout voltage regulator 1.5V 3A low dropout voltage regulator BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 125 Vac, Roller Lever Actuator, 1,67 N [6 oz] Maximum Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO, UL BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Roller Lever Actuator, 1,67 N [6 oz] Maximum Operating Force, Silver Contacts, Solder Termination, CE, CSA, DEMKO, UL 3A LOW DROPOUT VOLTAGE REGULATOR A低压差稳压器 SWTCH LEVER SPDT 15A SOLD TERM A低压差稳压器 3A LOW DROPOUT VOLTAGE REGULATOR 3A低压差稳压器
|
Advanced Monolithic Systems, Inc.
|
TK71621ASILH TK71621ASCLH TK71634SILH TK71640ASILH |
LOW DROPOUT VOLTAGE REGULATOR 1.5 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO5 LOW DROPOUT VOLTAGE REGULATOR 低压差稳压器 LOW DROPOUT VOLTAGE REGULATOR 3.1 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO5 LOW DROPOUT VOLTAGE REGULATOR 4.3 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO5 LOW DROPOUT VOLTAGE REGULATOR 4.6 V FIXED POSITIVE LDO REGULATOR, 0.31 V DROPOUT, PDSO5 LOW DROPOUT VOLTAGE REGULATOR 4.5 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO5 CIR 11C 11#16 FR SKT RECP LOW DROPOUT VOLTAGE REGULATOR
|
TOKO Inc. TOKO, Inc.
|
L1138G-28-AB5-R |
2.8 V FIXED POSITIVE LDO REGULATOR, 0.22 V DROPOUT, PDSO5 HALOGEN FREE, SOT-89, 5 PIN HIGH RIPPLE-REJECTION AND LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
|
Unisonic Technologies Co., Ltd.
|
LM2931AD2T-5.0 LM2931Z-5.0 LM2931T-5.0 LM2931D-5.0 |
LOW DROPOUT VOLTAGE REGULATORS 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSIP3 LOW DROPOUT VOLTAGE REGULATORS 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO2 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TVSOP -40 to 85 24 V-29.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSFM5
|
Motorola Inc Motorola, Inc. ON Semiconductor Motorola Mobility Holdings, Inc. MOTOROLA INC
|
AN80P27RSP AN80P18RSP AN80P51RSP AN80P52RSP AN80P5 |
General-Purpose Linear IC - Voltage Regulater - Low Drop Regulater with standby 5-pin, low dropout voltage regulator with standby function (1 A type) SP-5SUA(Pb Free) From old datasheet system
|
PANASONIC[Panasonic Semiconductor]
|
PJ1083CZ-3.3 |
7V; 7.5Amp low dropout positive voltage regulator ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSFM3 TO-220, 3 PIN 3.3 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSFM3 TO-220, 3 PIN
|
PROMAX-JOHNTON
|
REF191 REF198FS REF19XGRU REF192FS REF192ES REF19X |
Precision Micropower/ Low Dropout/ Voltage References Precision Micropower, Low Dropout, Voltage References 精密微功耗,低压差,电压基准 Precision Micropower, Low Dropout, Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO8
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AN80M51RSP AN80M19RSP AN80MXXRSP AN80M18RSP AN80M2 |
General-Purpose Linear IC - Voltage Regulater - Low Drop Regulater with standby From old datasheet system Quad, 16 Bit D/A Converter with 10ppm/°C Max On-Chip Reference in 14-Lead TSSOP; Package: TSSOP; No of Pins: 14; Temperature Range: Industrial Quad, 16 Bit D/A Converter with 10ppm/°C Max On-Chip Reference in 14-Lead TSSOP; Package: TSSOP; No of Pins: 14; Temperature Range: Industrial 3.1 V FIXED POSITIVE LDO REGULATOR, 0.8 V DROPOUT, PSSO4 5-pin, low dropout voltage regulator with standby function (500 mA type) 2.2 V FIXED POSITIVE LDO REGULATOR, 0.8 V DROPOUT, PSSO4 5-pin, low dropout voltage regulator with standby function (500 mA type) 4.9 V FIXED POSITIVE LDO REGULATOR, 0.8 V DROPOUT, PSSO4
|
PANASONIC[Panasonic Semiconductor] Panasonic Corporation Panasonic, Corp. Panasonic Industrial Solutions
|
MIC37101-1.5BM MIC37101-1.5YM MIC37101-1.65BM MIC3 |
1.65 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8 1A LOW VOLTAGE U CAP LDO REGULATOR 1.8 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO4 1A LOW VOLTAGE U CAP LDO REGULATOR 1.65 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO4 1A LOW VOLTAGE U CAP LDO REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO4 1A LOW VOLTAGE U CAP LDO REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8 1A LOW VOLTAGE U CAP LDO REGULATOR 1.8 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8 FPGA 1600000 SYSTEM GATE 1.8 VOLT - NOT RECOMMENDED for NEW DESIGN ; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No
|
MICREL INC Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
|